Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 203 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 203 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 199Page - Microchip Technology PIC18F4331 Datasheet HTML 200Page - Microchip Technology PIC18F4331 Datasheet HTML 201Page - Microchip Technology PIC18F4331 Datasheet HTML 202Page - Microchip Technology PIC18F4331 Datasheet HTML 203Page - Microchip Technology PIC18F4331 Datasheet HTML 204Page - Microchip Technology PIC18F4331 Datasheet HTML 205Page - Microchip Technology PIC18F4331 Datasheet HTML 206Page - Microchip Technology PIC18F4331 Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 201
PIC18F2331/2431/4331/4431
TABLE 17-3:
EXAMPLE DEAD TIME
RANGES
17.7.4
DEAD TIME DISTORTION
17.8
Independent PWM Output
Independent PWM mode is used for driving the loads
as shown in Figure 17-19 for driving one winding of a
switched reluctance motor. A particular PWM output
pair is configured in the Independent Output mode
when the corresponding PMOD bit in the PWMCON0
register is set. No dead time control is implemented
between the PWM I/O pins when the module is operat-
ing in the Independent mode and both I/O pins are
allowed to be active simultaneously. This mode can
also be used to drive stepper motors.
17.8.1
DUTY CYCLE ASSIGNMENT IN THE
INDEPENDENT MODE
In the Independent mode, each duty cycle generator is
connected to both PWM output pins in a given PWM
output pair. The odd and the even PWM output pins are
driven with a single PWM duty cycle generator. PWM1
and PWM0 are driven by the PWM channel which uses
PDC0 register to set the duty cycle, PWM3 and PWM2
with PDC1, PWM5 and PWM4 with PDC2, PWM7 and
PWM6 with PDC3, see Figure 17-3 and Register 17-3.
Fosc
(MHz)
MIPS
Prescaler
Selection
Dead
Time Min
Dead
Time Max
40
10
FOSC/2
50 ns
3.2 µs
40
10
FOSC/4
100 ns
6.4 µs
40
10
FOSC/8
200 ns
12.8 µs
40
10
FOSC/16
400 ns
25.6 µs
32
8
FOSC/2
62.5 ns
4 µs
32
8
FOSC/4
125 ns
8 µs
32
8
FOSC/8
250 ns
16 µs
32
8
FOSC/16
500 ns
32 µs
25
6.25
FOSC/2
80 ns
5.12 vs
25
6.25
FOSC/4
160 ns
10.2 µs
25
6.25
FOSC/8
320 ns
20.5 µs
25
6.25
FOSC/16
640 ns
41 µs
20
5
FOSC/2
100 ns
6.4 µs
20
5
FOSC/4
200 ns
12.8 µs
20
5
FOSC/8
400
25.6 vs
20
5
FOSC/16
800
51.2 µs
10
2.5
FOSC/2
200 ns
12.8 µs
10
2.5
FOSC/4
400 ns
25.6 µs
10
2.5
FOSC/8
800 ns
51.2 µs
10
2.5
FOSC/16
1.6 µs
102.4 µs
51.25
FOSC/2
400 ns
25.6 µs
51.25
FOSC/4
800 ns
51.2 µs
51.25
FOSC/8
1.6 µs
102.4 µs
51.25
FOSC/16
3.2 µs
204.8 µs
41
FOSC/2
0.5 µs
32 µs
41
FOSC/4
1 µs
64 µs
41
FOSC/8
2 µs
128 µs
41
FOSC/16
4 µs
256 µs
Note 1: For small PWM duty cycles, the ratio of
dead time to the active PWM time may
become large. In this case, the inserted
dead time will introduce distortion into
waveforms produced by the PWM mod-
ule. The user can ensure that dead time
distortion is minimized by keeping the
PWM duty cycle at least three times
larger than the dead time. A similar effect
occurs for duty cycles at or near 100%.
The maximum duty cycle used in the
application should be chosen such that
the minimum inactive time of the signal is
at least three times larger than the dead
time. If the dead time is greater or equal
to the duty cycle of one of the PWM out-
puts pairs, then that PWM pair will be
inactive for the whole period.
2: Changing
the
dead
time
values
in
DTCON when the PWM is enabled may
result in undesired situation. Disable the
PWM (PTEN = 0) before changing the
dead time value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com