Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 202 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 202 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 198Page - Microchip Technology PIC18F4331 Datasheet HTML 199Page - Microchip Technology PIC18F4331 Datasheet HTML 200Page - Microchip Technology PIC18F4331 Datasheet HTML 201Page - Microchip Technology PIC18F4331 Datasheet HTML 202Page - Microchip Technology PIC18F4331 Datasheet HTML 203Page - Microchip Technology PIC18F4331 Datasheet HTML 204Page - Microchip Technology PIC18F4331 Datasheet HTML 205Page - Microchip Technology PIC18F4331 Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 200
Preliminary
 2003 Microchip Technology Inc.
REGISTER 17-5:
DTCON – DEAD TIME CONTROL REGISTER
17.7.2
DEAD TIME RANGES
The amount of dead time provided by the dead time
unit is selected by specifying the input clock prescaler
value and a 6-bit unsigned value defined in the DTCON
register. Four input clock prescaler selections have
been provided to allow a suitable range of dead times
based on the device operating frequency. FOSC/2,
FOSC/4, FOSC/8 and FOSC/16 are the clock prescaler
options available using the DTPS1:DTPS0 control bits
in the DTCON register.
After selecting an appropriate prescaler value, the
dead time is adjusted by loading a 6-bit unsigned value
into DTCON<5:0>. The dead time unit prescaler is
cleared on any of the following events:
• On a load of the down timer due to a duty cycle
comparison edge event;
• On a write to the DTCON register; or
• On any device Reset.
17.7.3
DECREMENTING THE DEAD TIME
COUNTER
The dead time counter is clocked from any of the Q
clocks based on the following conditions.
1.
The dead time counter is clocked on Q1 when:
• The DTPS bits are set to any of the following
dead time prescaler settings: Fosc/4, FOSC/8,
FOSC/16
• The PWM Time Base Prescale bits
(PTCKPS) are set to any of the following
prescale ratios: FOSC/16, FOSC/64,
FOSC/256.
2.
The dead time counter is clocked by a pair of
Q-clocks when the PWM Time Base Prescale
bits are set to 1:1 (PTCKPS1:PTCKPS0 = 00,
FOSC/4) and the dead time counter is clocked by
the FOSC/2 (DTPS1:DTPS0 = 00).
3.
The dead time counter is clocked using every
other Q-clock depending on the two LSbs in the
Duty Cycle registers:
• If the PWM duty cycle match occurs on Q1 or
Q3, then the dead time counter is clocked
using every Q1 and Q3.
• If the PWM duty cycles match occurs on Q2
or Q4, then the dead time counter is clocked
using every Q2 and Q4.
4.
When the DTPS1:DTPS0 bits are set to any of
the other dead time prescaler settings, (i.e.,
FOSC/4, FOSC/8 or FOSC/16) and the PWM Time
Base Prescaler is set to 1:1, the dead time
counter is clocked by the Q-clock corresponding
to the Q-clocks on which the PWM duty cycle
match occurs.
The actual dead time is calculated from the DTCON
register as follows:
Dead Time = Dead time value / (FOSC/prescaler)
Table 17-3 shows example dead time ranges as a
function of the input clock prescaler selected and the
device operating frequency.
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
DTPS1
DTPS0
DT5
DT4
DT3
DT2
DT1
DT0
bit 7
bit 0
bit 7-6
DTPS1:DTPS0: Dead Time Unit A Prescale Select bits
11
= Clock source for Dead Time Unit is FOSC/16.
10
= Clock source for Dead Time Unit is FOSC/8.
01
= Clock source for Dead Time Unit is FOSC/4.
00
= Clock source for Dead Time Unit is FOSC/2.
bit 5-0
DT5:DT0: Unsigned 6-bit dead time value bits for Dead Time Unit.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com