Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0319 Fiches technique(PDF) 290 Page - STMicroelectronics

No de pièce RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Fiches technique(HTML) 290 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 286Page - STMicroelectronics RM0319 Datasheet HTML 287Page - STMicroelectronics RM0319 Datasheet HTML 288Page - STMicroelectronics RM0319 Datasheet HTML 289Page - STMicroelectronics RM0319 Datasheet HTML 290Page - STMicroelectronics RM0319 Datasheet HTML 291Page - STMicroelectronics RM0319 Datasheet HTML 292Page - STMicroelectronics RM0319 Datasheet HTML 293Page - STMicroelectronics RM0319 Datasheet HTML 294Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 368 page
background image
JPEG codec accelerator (JPGC)
RM0319
290/368
Doc ID 022640 Rev 3
26.4.4
FIFO buffers
These two First-in First-out buffers have a word width of 32 bits, and a depth of 8 words.
FIFOs are used by the Codec Controller to bufferize the flow of data incoming to (FIFO In)
and outcoming from (FIFO out) the Codec Core. Each FIFO is accessed by reading/writing
always from/to the same address.
26.4.5
Internal memories
These memories have to be programmed, before the encoding process can start, with the
tables needed by the baseline JPEG algorithm (see ISO/IEC 10918-1).
Up to four quantization tables are used for both encoding and decoding. DHTMem and
HuffEnc memories are used for encoding. HuffMin, HuffBase and HuffSymb memories are
used for decoding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More