| Moteur de recherche de fiches techniques de composants électroniques |
|
RM0319 Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 368 page ![]() RM0319 BootROM Doc ID 022640 Rev 3 49/368 Figure 12. USB boot System initialization to Normal mode Initialize UDC controller Initialize USB state machine (GET_CMD) Wait for command on BULK out End point 2 from USB host Decode the command Change state machine (GET_DATA) Wait for expected number of bytes from Host. Receive DDR driver and change state to Exec Execute DDR driver and jump back to BootROM Change state machine (GET_CMD) Wait for command on BULK out End point 2 from USB host Decode the command Change state machine (GET_DATA) Wait for expected number of bytes from Host. Receive firmware and jump to firmware in DDR Receiving DDR driver Receiving Firmware |