| Moteur de recherche de fiches techniques de composants électroniques |
|
RM0319 Fiches technique(PDF) 286 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 Fiches technique(HTML) 286 Page - STMicroelectronics |
|
286 / 368 page ![]() Touchscreen interface (TOUCHSCREEN) RM0319 286/368 Doc ID 022640 Rev 3 1. Write the Ras_select register (address: 0xB300000C) to enable RAS outputs. 2. Write the touchscreen duration in Touchscreen_duration register (address: 0xB3000014). This value is the number of HCLK cycles. The out port touchscreen_X (gpio_36) will toggle according to clock cycles. 3. Write '1' in the touchscreen enable bit (Bit 7) in the control_reg (address:0xB3000010) to enable the toggling operation. |