Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0319 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 19Page - STMicroelectronics RM0319 Datasheet HTML 20Page - STMicroelectronics RM0319 Datasheet HTML 21Page - STMicroelectronics RM0319 Datasheet HTML 22Page - STMicroelectronics RM0319 Datasheet HTML 23Page - STMicroelectronics RM0319 Datasheet HTML 24Page - STMicroelectronics RM0319 Datasheet HTML 25Page - STMicroelectronics RM0319 Datasheet HTML 26Page - STMicroelectronics RM0319 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 368 page
background image
RM0319
Device overview
Doc ID 022640 Rev 3
23/368
2
Device overview
The SPEAr320S is a member of the SPEAr family of embedded MPUs, optimized for
industrial automation and consumer applications. It is based on the powerful ARM926EJ-S
processor (up to 333 MHz), widely used in applications where high computation
performance is required.
In addition, SPEAr320S has an MMU that allows virtual memory management - making the
system compliant with Linux operating system. It also offers 16 KB of data cache, 16 KB of
instruction cache, JTAG and ETM (Embedded Trace MacrocellTM) for debug operations.
A full set of peripherals allows the system to be used in many applications, some typical
applications being factory automation, printer and consumer applications.
Figure 1 is the internal connectivity block diagram of SPEAr320S.
Table 2 lists the device IP groups and their constituent IPs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More