| Moteur de recherche de fiches techniques de composants électroniques |
|
RM0319 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 368 page ![]() November 2012 Doc ID 022640 Rev 3 1/368 RM0319 Reference manual SPEAr320S architecture and functionality Introduction The SPEAr320S is a member of the SPEAr3xx family (includes SPEAr320S, SPEAR320, SPEAr310 and SPEAr300). SPEAr3xx devices all feature ARM926EJ-S core running up to 333 MHz, an external DDR2 memory interface, a common set of powerful on-chip peripherals. Each member of the SPEAr3xx family has a specific set of IPs implemented in its reconfigurable array subsystem (RAS). This document provides technical details about the architecture and functionality of SPEAr320S, and is intended to be used by system-level and board-level product designers, as well as software developers. The SPEAr320S address map and detailed register descriptions are provided in a separate reference manual: RM0321: SPEAr320S address map and registers. For the pin out, ordering information, mechanical, electrical and timing characteristics, please refer to the SPEAr320S datasheet. www.st.com |
Numéro de pièce similaire - RM0319 |
|
Description similaire - RM0319 |