| Moteur de recherche de fiches techniques de composants électroniques |
|
RM0319 Fiches technique(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 Fiches technique(HTML) 64 Page - STMicroelectronics |
|
64 / 368 page ![]() Multiport DDR controller (MPMC) RM0319 64/368 Doc ID 022640 Rev 3 Early burst termination Unlike the AHB bus protocol, the MPMC core bus protocol does not allow early burst termination. As a result, the core requires the master to complete the whole READ/WRITE Table 18. AHB-Memory controller translation example AHBx transaction Memory controller transaction Address Burst size AHBx HBURST Bytes per beat (AHBx HSIZE) Address Length AHBx Address SINGLE Byte, half-word or word AHBx Address 1 x (AHBx HSIZE) AHBx Address INCR4 Byte, half-word or word AHBx Address 4 x (AHBx HSIZE) AHBx Address INCR8 Byte, half-word or word AHBx Address 8 x (AHBx HSIZE) AHBx Address INCR16 Byte, half-word or word AHBx Address 16 x (AHBx HSIZE) AHBx Address WRAP4 (offset n= 0-3) Byte, half-word or word Transaction#1: AHBx Address Transaction #2: Wrapped AHBx Address Transaction #1: (4 - n) x (AHBx HSIZE) Transaction #2: n x (AHBx HSIZE) AHBx Address WRAP8 (offset n= 0-7) Byte, half-word or word Transaction#1: AHBx Address Transaction #2: Wrapped AHBx Address Transaction #1: (8 - n) x (AHBx HSIZE) Transaction #2: n x (AHBx HSIZE) AHBx Address WRAP16 (offset n= 0- 15) Byte, half-word or word Transaction#1: AHBx Address Transaction #2: Wrapped AHBx Address Transaction #1: (16 - n) x (AHBx HSIZE) Transaction #2: n x (AHBx HSIZE) AHBx Address INCR (for each beat) Byte or half-word AHBx Address 1 x (AHBx HSIZE) AHBx Address INCR Word Transaction 1: AHBx HADDR Transaction 2: AHBx HADDR+blk size Transaction 3: 2 x (AHBx HADDR+blk size)(1) 1. blk size is the value in ahbX_rdnct or abhX_wrcnt. (AHBx read_cnt) or (AHBx write_cnt)(2) 2. Programmable value |