Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0319 Fiches technique(PDF) 292 Page - STMicroelectronics

No de pièce RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Fiches technique(HTML) 292 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 288Page - STMicroelectronics RM0319 Datasheet HTML 289Page - STMicroelectronics RM0319 Datasheet HTML 290Page - STMicroelectronics RM0319 Datasheet HTML 291Page - STMicroelectronics RM0319 Datasheet HTML 292Page - STMicroelectronics RM0319 Datasheet HTML 293Page - STMicroelectronics RM0319 Datasheet HTML 294Page - STMicroelectronics RM0319 Datasheet HTML 295Page - STMicroelectronics RM0319 Datasheet HTML 296Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 368 page
background image
Digital audio port (I2S)
RM0319
292/368
Doc ID 022640 Rev 3
27.4
Functional description
Figure 103. I2S block diagram
27.4.1
Transmit channels
I2S has one stereo I2S transmit (TX) channel. This channel operates in master mode.
Stereo data pairs (such as, left and right audio data) written to a TX channel register are
shifted out serially on the serial data out line I2S_TX. The shifting is timed with respect to
the serial clock I2S_CLK and the word select line I2S_LR.
Note:
The clock generation block must be disabled prior to any changes to I2S_CLK gating value.
(refer to RM0321: SPEAr320S address map and registers)
27.4.2
Receive channels
I2S has one stereo I2S receive (RX) channel. This channel operates in master mode.
Stereo data pairs (such as, left and right audio data) are received serially from a data input
line I2S_RX. These data words are stored in RX FIFOs until they are read by software. The
receiving is timed with respect to the serial clock (I2S_CLK) and the word select line
(I2S_LR).
See also: Section 27.7.2: Using the I2S receiver (Rx mode)
APB interface
DMAC REQ/CLR
Interrupts
I2S Master
audio_over_samp_clk
I2S_CLK
I2S_TX
I2S_LR
I2S_RX
Transmit channel 0
Receive channel 0
Left
FIFO
Left
FIFO
Right
FIFO
Right
FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More