Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0319 Fiches technique(PDF) 273 Page - STMicroelectronics

No de pièce RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Fiches technique(HTML) 273 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 269Page - STMicroelectronics RM0319 Datasheet HTML 270Page - STMicroelectronics RM0319 Datasheet HTML 271Page - STMicroelectronics RM0319 Datasheet HTML 272Page - STMicroelectronics RM0319 Datasheet HTML 273Page - STMicroelectronics RM0319 Datasheet HTML 274Page - STMicroelectronics RM0319 Datasheet HTML 275Page - STMicroelectronics RM0319 Datasheet HTML 276Page - STMicroelectronics RM0319 Datasheet HTML 277Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 368 page
background image
RM0319
LCD display controller (CLCD)
Doc ID 022640 Rev 3
273/368
Table 77 shows which CLD[23:0] pins are used to supply the pixel data to the TFT panel for
each of the above modes of operation.
Table 77.
LCD TFT panel signal multiplexing
External pin
TFT 24 bit
TFT 18 bit
CLD23
BLUE[7]
Reserved
CLD22
BLUE[6]
Reserved
CLD21
BLUE[5]
Reserved
CLD20
BLUE[4]
Reserved
CLD19
BLUE[3]
Reserved
CLD18
BLUE[2]
Reserved
CLD17
BLUE[1]
BLUE[4]
CLD16
BLUE[0]
BLUE[3]
CLD15
GREEN[7]
BLUE[2]
CLD14
GREEN[6]
BLUE[1]
CLD13
GREEN[5]
BLUE[0]
CLD12
GREEN[4]
Intensity Bit
CLD11
GREEN[3]
GREEN[4]
CLD10
GREEN[2]
GREEN[3]
CLD9
GREEN[1]
GREEN[2]
CLD8
GREEN[0]
GREEN[1]
CLD7
RED[7]
GREEN[0]
CLD6
RED[6]
Intensity Bit
CLD5
RED[5]
RED[4]
CLD4
RED[4]
RED[3]
CLD3
RED[3]
RED[2]
CLD2
RED[2]
RED[1]
CLD1
RED[1]
RED[0]
CLD0
RED[0]
Intensity Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More