Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0319 Fiches technique(PDF) 269 Page - STMicroelectronics

No de pièce RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Fiches technique(HTML) 269 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 265Page - STMicroelectronics RM0319 Datasheet HTML 266Page - STMicroelectronics RM0319 Datasheet HTML 267Page - STMicroelectronics RM0319 Datasheet HTML 268Page - STMicroelectronics RM0319 Datasheet HTML 269Page - STMicroelectronics RM0319 Datasheet HTML 270Page - STMicroelectronics RM0319 Datasheet HTML 271Page - STMicroelectronics RM0319 Datasheet HTML 272Page - STMicroelectronics RM0319 Datasheet HTML 273Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 368 page
background image
RM0319
LCD display controller (CLCD)
Doc ID 022640 Rev 3
269/368
Programmable parameters:
●
Horizontal front and back porch
●
Horizontal synchronization pulse width
●
Number of pixels per line
●
Vertical front and back porch
●
Vertical synchronization pulse width
●
Number of lines per panel
●
Number of panel clocks per line.
●
Signal polarity, active HIGH or LOW
●
AC panel bias
●
Panel clock frequency
●
Bits per pixel (Bpp)
●
Display type, STN mono/color or TFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More