| Moteur de recherche de fiches techniques de composants électroniques |
|
RM0319 Fiches technique(PDF) 272 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 Fiches technique(HTML) 272 Page - STMicroelectronics |
|
272 / 368 page ![]() LCD display controller (CLCD) RM0319 272/368 Doc ID 022640 Rev 3 Table 76 shows which CLD[23:0] pins are used to supply the pixel data to the STN panel for each of the above modes of operation. The following acronyms are used: ● CUSTN = Color upper panel STN, dual and/or single panel ● CLSTN = Color lower panel STN, single ● MUSTN = Mono upper panel STN, dual and/or single panel ● MLSTN = Mono lower panel STN, single. Table 76. LCD STN panel signal multiplexing External pin Color STN single panel Color STN dual panel 4-bit mono STN single panel 4-bit mono STN dual panel 8-bit mono STN single panel 8-bit mono STN dual panel CLD23 Reserved Reserved Reserved Reserved Reserved Reserved CLD22 Reserved Reserved Reserved Reserved Reserved Reserved CLD21 Reserved Reserved Reserved Reserved Reserved Reserved CLD20 Reserved Reserved Reserved Reserved Reserved Reserved CLD19 Reserved Reserved Reserved Reserved Reserved Reserved CLD18 Reserved Reserved Reserved Reserved Reserved Reserved CLD17 Reserved Reserved Reserved Reserved Reserved Reserved CLD16 Reserved Reserved Reserved Reserved Reserved Reserved CLD15 Reserved CLSTN[0] Reserved Reserved Reserved MLSTN[0] CLD14 Reserved CLSTN[1] Reserved Reserved Reserved MLSTN[1] CLD13 Reserved CLSTN[2] Reserved Reserved Reserved MLSTN[2] CLD12 Reserved CLSTN[3] Reserved Reserved Reserved MLSTN[3] CLD11 Reserved CLSTN[4] Reserved MLSTN[0] Reserved MLSTN[4] CLD10 Reserved CLSTN[5] Reserved MLSTN[1] Reserved MLSTN[5] CLD9 Reserved CLSTN[6] Reserved MLSTN[2] Reserved MLSTN[6] CLD8 Reserved CLSTN[7] Reserved MLSTN[3] Reserved MLSTN[7] CLD7 CUSTN[0] CUSTN[0] Reserved Reserved MUSTN[0] MUSTN[0] CLD6 CUSTN[1] CUSTN[1] Reserved Reserved MUSTN[1] MUSTN[1] CLD5 CUSTN[2] CUSTN[2] Reserved Reserved MUSTN[2] MUSTN[2] CLD4 CUSTN[3] CUSTN[3] Reserved Reserved MUSTN[3] MUSTN[3] CLD3 CUSTN[4] CUSTN[4] MUSTN[0] MUSTN[0] MUSTN[4] MUSTN[4] CLD2 CUSTN[5] CUSTN[5] MUSTN[1] MUSTN[1] MUSTN[5] MUSTN[5] CLD1 CUSTN[6] CUSTN[6] MUSTN[2] MUSTN[2] MUSTN[6] MUSTN[6] CLD0 CUSTN[7] CUSTN[7] MUSTN[3] MUSTN[3] MUSTN[7] MUSTN[7] |