Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3985 Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 43Page - STMicroelectronics AN3985 Datasheet HTML 44Page - STMicroelectronics AN3985 Datasheet HTML 45Page - STMicroelectronics AN3985 Datasheet HTML 46Page - STMicroelectronics AN3985 Datasheet HTML 47Page - STMicroelectronics AN3985 Datasheet HTML 48Page - STMicroelectronics AN3985 Datasheet HTML 49Page - STMicroelectronics AN3985 Datasheet HTML 50Page - STMicroelectronics AN3985 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 105 page
background image
AN3985
ISO/IEC 15693 layer
Doc ID 022255 Rev 2
47/105
5.4.3
Build up functions
ISO15693_Add_UID_to_command
This function adds the UID into the command's data and increments the counter of data if
the command is addressed.
ISO15693_Add_Mask_to_command function
This function adds the mask into the command's data and increments the counter of data.
Table 69.
ISO15693_Add_UID_to_command description
Prototype
void ISO15693_Add_UID_to_command (
CR95HF_CommandSending* Cmd, u8* Cptr_ToIncrement, u8*
Uid ,u8 Request_flags);
Input parameter
Uid: pointer on the UID
Request_flags: to know if the command is addressed
Output parameter
Cmd: pointer on the command to fill in
cptr_ToIncrement: pointer on the counter
Return parameter
None
Table 70.
ISO15693_Add_Mask_to_command function description
Prototype
void
ISO15693_Add_Mask_to_command(CR95HF_CommandSending*
Cmd, u8* Cptr_ToIncrement,const u8 MaskLength, const
u8* Mask);
Input parameter
Cmd: pointer on the command to fill in
cptr_ToIncrement: pointer on the counter
MaskLength: length of the Mask in bits
Mask: pointer on the mask to add
Output parameter
None
Return parameter
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More