| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3985 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3985 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 105 page ![]() Overview AN3985 12/105 Doc ID 022255 Rev 2 Figure 2. Interaction between typical user application and CR95HF library layers 3.2.2 Types The CR95HF library functions use the following ANSI C compliant types defined in the stm8l15x.h file. Signed integer types typedef signed char int8_t; typedef signed short int16_t; typedef signed long int32_t; typedef int32_t s32; typedef int16_t s16; typedef int8_t s8; Unsigned integer types typedef unsigned char uint8_t; typedef unsigned short uint16_t; typedef unsigned long uint32_t; typedef uint32_t u32; typedef uint16_t u16; typedef uint8_t u8; typedef unsigned char uint8_t; typedef signed char int8_t; typedef const uint8_t uc8; typedef signed short int int16_t; MS19959V1 User functions (user application specific) Standard peripheral driver (MCU specific layer) CR95HF library CR95HF library layer (embeds the commands defined in CR95HF datasheet) Protocol layer (embeds commands defined in ISO specification) ISO15693 library layer Product layer (embeds commands defined in the product datasheet) LRI*k layer M24LR* layer |