Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3985 Fiches technique(PDF) 97 Page - STMicroelectronics

No de pièce AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Fiches technique(HTML) 97 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 93Page - STMicroelectronics AN3985 Datasheet HTML 94Page - STMicroelectronics AN3985 Datasheet HTML 95Page - STMicroelectronics AN3985 Datasheet HTML 96Page - STMicroelectronics AN3985 Datasheet HTML 97Page - STMicroelectronics AN3985 Datasheet HTML 98Page - STMicroelectronics AN3985 Datasheet HTML 99Page - STMicroelectronics AN3985 Datasheet HTML 100Page - STMicroelectronics AN3985 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 105 page
background image
AN3985
Application example
Doc ID 022255 Rev 2
97/105
8.3
Software
8.3.1
ST Visual Develop
ST Visual Develop (STVD) provides an easy-to-use, efficient environment for start-to-finish
control of application development - from building and debugging the application code to
programming the microcontroller.
STVD is available on STM web site at
http://www.st.com/internet/evalboard/product/210567.jsp
8.3.2
Cosmic compiler
Cosmic is the compiler toolchain used by ST Visual Develop. There is a 1 year free license
limited to 32 Kbytes of code and data which requires registration.
For further information about the license, see the Cosmic Software website.
8.4
Project
The project was built using the MCD standard library which is included in the
STM8L15x_StPeriph_Driver folder. In order to update the library, a copy of the
stm8l15x_it.h, stm8l15x_it.c and the stm8l15x_conf.h is required to store the modifications
made within those files. Then the whole folder can be updated with the latest version before
replacing the three files previously copied.
8.4.1
Opening the Project:
First step: Launch ST Visual Develop
Second Step: In the File menu, open Workspace, browse to the project folder and select
CR95HF_STM8L.stw
Figure 14.
Project tree structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More