Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3985 Fiches technique(PDF) 85 Page - STMicroelectronics

No de pièce AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Fiches technique(HTML) 85 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 81Page - STMicroelectronics AN3985 Datasheet HTML 82Page - STMicroelectronics AN3985 Datasheet HTML 83Page - STMicroelectronics AN3985 Datasheet HTML 84Page - STMicroelectronics AN3985 Datasheet HTML 85Page - STMicroelectronics AN3985 Datasheet HTML 86Page - STMicroelectronics AN3985 Datasheet HTML 87Page - STMicroelectronics AN3985 Datasheet HTML 88Page - STMicroelectronics AN3985 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 105 page
background image
AN3985
M24LRxx layer
Doc ID 022255 Rev 2
85/105
M24LRxx_Get_EH_mode_Configuration_Byte function
This function returns the Energy Harvesting state bit using the Configuration byte retrieved
with a ReadCfg command.
M24LRxx_Get_EH_mode_Control_Register function
This function returns the Energy Harvesting state bit using the Control Register retrieved
with a Check EH En command.
Table 145.
M24LRxx_Get_EH_mode_Configuration_Byte function description
Prototype
u8 M24LRxx_Get_EH_mode_Configuration_Byte (u8
Configuration_Byte);
Input parameter
Configuration_Byte: the byte containing the data available in the tag structure
at dataField[M24LRxx_CONFIGURATION_BYTE_CURSOR]
Output parameter
None
Return parameter
M24LRxx_CONFIGURATION_BYTE_EH_ENABLED: The energy harvesting is
enabled.
M24LRxx_CONFIGURATION_BYTE_EH_DISABLED: The energy harvesting
is disabled.
Table 146.
M24LRxx_Get_EH_mode_Control_Register function description
Prototype
u8 M24LRxx_Get_EH_mode_Control_Register (u8
Control_Register);
Input parameter
Configuration_Byte: the byte containing the data available in the tag structure
at dataField[M24LRxx_CONFIGURATION_BYTE_CURSOR]
Output parameter
None
Return parameter
M24LRxx_CONFIGURATION_BYTE_EH_ENABLED: The energy harvesting is
enabled.
M24LRxx_CONFIGURATION_BYTE_EH_DISABLED: The energy harvesting
is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More