Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3985 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 9Page - STMicroelectronics AN3985 Datasheet HTML 10Page - STMicroelectronics AN3985 Datasheet HTML 11Page - STMicroelectronics AN3985 Datasheet HTML 12Page - STMicroelectronics AN3985 Datasheet HTML 13Page - STMicroelectronics AN3985 Datasheet HTML 14Page - STMicroelectronics AN3985 Datasheet HTML 15Page - STMicroelectronics AN3985 Datasheet HTML 16Page - STMicroelectronics AN3985 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
AN3985
CR95HF low level layer
Doc ID 022255 Rev 2
13/105
4
CR95HF low level layer
This layer is composed of:
●
the lib_CR95HF.c source file
●
the lib_CR95HF.h include file
4.1
Overview
This layer supports all the commands defined in the CR95HF datasheet. Each CR95HF
command corresponds to a specific function. As an example, the function calling the ECHO
command is u8 CR95HF_Echo (void).
Additional functions are described in Table 8: CR95HF layer additional functions.
Application developers can use the functions described in Table 7: CR95HF layer functions
based on CR95HF commands to create their own higher level functions.
Refer to the CR95HF datasheet for more details on the commands.
4.2
Structures
4.2.1
Command format
A command from MCU to CR95HF is composed of three fields:
●
command code
●
length
●
data
The dedicated structure is CR95HF_CommandSending.
Table 2 lists the fields of a generic command to CR95HF, the number of bytes and the name
of the dedicated structure member.
The structure definition of a command to CR95HF is:
typedef struct
{
u8 cmd_code;
u8 data_length;
u8 data[MAX_DATASENT_LENGTH];
}CR95HF_CommandSending;
Table 2.
Command fields formats
Field
Length
Dedicated structure
Command code
1 byte
cmd_code
Length
1 byte
data_lenght
Data
Up to 255 bytes
data