Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3985 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 13Page - STMicroelectronics AN3985 Datasheet HTML 14Page - STMicroelectronics AN3985 Datasheet HTML 15Page - STMicroelectronics AN3985 Datasheet HTML 16Page - STMicroelectronics AN3985 Datasheet HTML 17Page - STMicroelectronics AN3985 Datasheet HTML 18Page - STMicroelectronics AN3985 Datasheet HTML 19Page - STMicroelectronics AN3985 Datasheet HTML 20Page - STMicroelectronics AN3985 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 105 page
background image
AN3985
CR95HF low level layer
Doc ID 022255 Rev 2
17/105
4.3.1
Command functions
CR95HF_IDN function
This function sends an IDN command to the CR95HF device. It returns its version number.
CR95HF_Echo function
This function sends an EchoCode command to the CR95HF which returns an Echo code
response (0x55). The Echo function checks that communications can be started between
the MCU and the CR95HF.
Table 11.
CR95HF layer advanced functions
Function name
Description
CR95HF_Modify_Baud_Rate
Changes the UART baud rate of MCU and
CR95HF.
CR95HF_Idle_Detector_Calibration
Carries out a calibration for tag detector mode.
CR95HF_Wait_Wake_up_From_Idle
Waits for CR95HF to exit the idle state and retrieve
what caused the wake-up.
CR95HF_Wake_up_CR95HF
Wakes up CR95HF when exists idle mode.
Table 12.
CR95HF_IDN function description
Prototype
u8 CR95HF_IDN (CR95HF_ResponseReceiving* Response);
Input parameter
None
Output parameter
Response: pointer on the response structure
Return parameter
CR95HF_SUCCESS_CODE: The command is successful.
CR95HF_ERROR_CODE: The command failed.
Table 13.
CR95HF_Echo function description
Prototype
u8 CR95HF_Echo (void);
Input parameter
None
Output parameter
None
Return parameter
CR95HF_SUCCESS_CODE: The command is successful.
CR95HF_ERROR_CODE: The command failed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More