Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3985 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 21Page - STMicroelectronics AN3985 Datasheet HTML 22Page - STMicroelectronics AN3985 Datasheet HTML 23Page - STMicroelectronics AN3985 Datasheet HTML 24Page - STMicroelectronics AN3985 Datasheet HTML 25Page - STMicroelectronics AN3985 Datasheet HTML 26Page - STMicroelectronics AN3985 Datasheet HTML 27Page - STMicroelectronics AN3985 Datasheet HTML 28Page - STMicroelectronics AN3985 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 105 page
background image
AN3985
CR95HF low level layer
Doc ID 022255 Rev 2
25/105
Is_NSS_Interrupt_Wake_up_Condition function
This function returns whether an interrupt on NSS is a wake-up condition or not.
Is_Tag_Detected_Wake_up_Condition function
This function returns whether a tag detection is a wake-up condition or not.
Is_Timeout_Wake_up_Condition function
This function returns whether the internal timer is a wake-up condition.
Table 31.
Is_NSS_Interrupt_Wake_up_Condition function description
Prototype
u8 CR95HF_Is_NSS_Interrupt_Wake_up_Condition(u8 WUFlags);
Input parameter
WUFlags: the byte containing the expected data
Output parameter
None
Return parameter
TRUE_CODE: An interrupt on IRQ_IN is a wake-up condition.
FALSE_CODE: An interrupt on IRQ_IN is not a wake-up condition.
Table 32.
Is_Tag_Detected_Wake_up_Condition function description
Prototype
u8 CR95HF_Is_Tag_Detected_Wake_up_Condition_(u8 WUFlags);
Input parameter
WUFlags: the byte containing the expected data
Output parameter
None
Return parameter
TRUE_CODE: A tag detection is a wake-up condition.
FALSE_CODE: A tag detection is not a wake-up condition.
Table 33.
Is_Tag_Detected_Wake_up_Condition function description
Prototype
u8 CR95HF_Is_Timeout_Wake_up_Condition(u8 WUFlags);
Input parameter
WUFlags: the byte containing the expected data
Output parameter
None
Return parameter
TRUE_CODE: An interrupt on IRQ_IN is a wake-up condition.
FALSE_CODE: An interrupt on IRQ_IN is not a wake-up condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More