Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3985 Fiches technique(PDF) 94 Page - STMicroelectronics

No de pièce AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Fiches technique(HTML) 94 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 90Page - STMicroelectronics AN3985 Datasheet HTML 91Page - STMicroelectronics AN3985 Datasheet HTML 92Page - STMicroelectronics AN3985 Datasheet HTML 93Page - STMicroelectronics AN3985 Datasheet HTML 94Page - STMicroelectronics AN3985 Datasheet HTML 95Page - STMicroelectronics AN3985 Datasheet HTML 96Page - STMicroelectronics AN3985 Datasheet HTML 97Page - STMicroelectronics AN3985 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 105 page
background image
Application example
AN3985
94/105
Doc ID 022255 Rev 2
Figure 12.
Halt CR95HF Timer mode flowchart
8.1.9
Communication test
While waiting for an answer from the CR95HF, a timer is launched and the polling procedure
is active during a limited period. If, at the end of this period, no answer is ready, the STM8L
assumes that no answer will come and it increments a global counter called
communication_watchdog. At the end of the secondary loop, this counter is checked and
compared with a maximum value of tolerance. If it overtakes this value, a procedure is
launched in order to resume the communication possibly lost.
MS19968V1
Start of CR95HF Timer Mode
End of Wait for interrupt mode
Turn CR95HF in Idle mode
CR95HF timeout
= 5s ?
No
No
Yes
CR95HF Detect
a tag ?
No
Yes
Tag detected ?
Yes
Turn STM8L in halt mode
Wake Up CR95HF
Wake Up STM8L
Check Wake up cause



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More