| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3985 Fiches technique(PDF) 103 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3985 Fiches technique(HTML) 103 Page - STMicroelectronics |
|
103 / 105 page ![]() AN3985 Application example Doc ID 022255 Rev 2 103/105 8.7.1 PLUG-CR95HF-B Board pin Figure 17 presents the eight I/Os of a PLUG CR95HF-B board, as an example. Figure 17. PLUG-CR95HF-B Board I/Os 8.8 Switching between STM8L 1528-Eval and STM8L Discovery boards Figure 153 shows, in three steps, how the user can switch from the STM8L 1528-Eval to STM8L Discovery board. To proceed the other way, perform the reverse actions. CR95HF IRQ_OUT NSS MOSI VPS & VPS_TX CR95HF IRQ_IN MISO SCK GND Table 153. Switching procedure Step Name Actions 1 Board Selection In order to change the board selected, in the board_config.h file: – uncomment the command #define BOARD_SELECTED_DISCOVERYBOARD – comment the command #define BOARD_SELECTED_EVALBOARD 2 Functionalities Cut To disable the external EEPROM functionality, in the board_config.h file: comment the command #define USE_EXTERN_EEPROM_FUNCTION 3 Display Commands In the main.c file, comment all functions: – Beginning by LCD_ – Wait_Display – Board_Init_Display – Display_Motion – ISO15693_Display_Tag_Answer_Inventory_GetSys_Info |