| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 144 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 144 Page - STMicroelectronics |
|
144 / 162 page ![]() STM8 instruction set PM0044 144/162 Doc ID 13590 Rev 3 Syntax SLL dst e.g. SLL (X) SLA dst e.g. SLA (X) Operation Description The destination is either a memory byte or a register.It double the affected value. This instruction is compact, and does not affect any register when used with RAM variables. Instruction overview N ⇒ R7 Set if bit 7 of the result is set (negative value), cleared otherwise. Z ⇒ R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x00), cleared otherwise. C ⇒ b7 Set if, before the shift, bit 7 of register or memory was set, cleared otherwise. Detailed description SLL/SLA Shift Left Logical/Shift Left Arithmetic SLL/SLA mnem dst Affected condition flags VI1 H I0 N Z C SLL/SLA Mem - - - - N Z bit7 SLL/SLA Reg - - - - N Z bit7 dst Asm(1) cy lgth Op-code(s) ST7 A SLL A 1 1 48 ✗ shortmem SLL $15 1 2 38 XX ✗ longmem SLL $1505 1 4 72 58 MS LS (X) SLL (X) 1 1 78 ✗ (shortoff,X) SLL ($15,X) 1 2 68 XX ✗ (longoff,X) SLL ($1505,X) 1 4 72 48 MS LS (Y) SLL (Y) 1 2 90 78 ✗ (shortoff,Y) SLL ($15,Y) 1 3 90 68 XX ✗ (longoff,Y) SLL ($1505,Y) 1 4 90 48 MS LS (shortoff,SP) SLL ($15,SP) 1 2 08 XX ✗ [shortptr.w] SLL [$15] 4 3 92 38 XX ✗ [longptr.w] SLL [$1505].w 4 4 72 38 MS LS ([shortptr.w],X) SLL ([$15],X) 4 3 92 68 XX ✗ Cb7 b0 0 |