| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 124 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 124 Page - STMicroelectronics |
|
124 / 162 page ![]() STM8 instruction set PM0044 124/162 Doc ID 13590 Rev 3 Syntax NOP Operation Description This is a single byte instruction that does nothing. This instruction can be used either to disable an instruction, or to build a waiting delay.No register or memory contents are affected by this instruction Instruction overview Detailed description See also: JRF NOP No operation NOP mnem Affected condition flags VI1 H I0 N Z C NOP ------- Addressing mode Asm cy lgth Op-code(s) ST7 Inherent NOP 1 1 9D ✗ |