| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 126 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 126 Page - STMicroelectronics |
|
126 / 162 page ![]() STM8 instruction set PM0044 126/162 Doc ID 13590 Rev 3 Syntax POP dst e.g. POP CC Operation dst <= (++SP) Description Restore from the stack a data byte which will be placed in dst location. The stack pointer is incremented by one. This instruction is used to restore a register/memory value. Instruction overview Detailed description See also: PUSH, POPW POP Pop from stack POP mnem dst Affected condition flags VI1 H I0 N Z C POP A -- -- -- - POP CC VI1 H I0 N Z C POP Mem -- -- -- - dst Asm cy lgth Op-code(s) ST7 APOP A 1 1 84 ✗ CC POP CC 1 1 86 ✗ longmem POP $1000 1 3 32 MS LS |