| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 120 Page - STMicroelectronics |
|
120 / 162 page ![]() STM8 instruction set PM0044 120/162 Doc ID 13590 Rev 3 Syntax MUL dst,src e.g. MUL X,A Operation dst:src <= dst x src Description Multiplies the 8-bit value in index register, low byte, (XL or YL) by the 8-bit value in the accumulator to obtain a 16-bit unsigned result in the index register. After the operation, index register contains the 16-bit result. The accumulator remains unchanged. The initial value of the high byte of the index register (XH or YH) is ignored. Instruction overview C: 0 Cleared. Detailed description See also: ADD, ADC, SUB, SBC MUL Multiply (unsigned) MUL mnem dst src Affected condition flags VI1 H I0 N Z C MUL X XL,A -- 0 --- 0 MUL Y YL,A -- 0 --- 0 dst src Asm cy lgth Op-code(s) ST7 XA MUL X,A 4 1 42 YA MUL Y,A 4 2 90 42 |