| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 119 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 119 Page - STMicroelectronics |
|
119 / 162 page ![]() PM0044 STM8 instruction set Doc ID 13590 Rev 3 119/162 Syntax MOV dst,src e.g. MOV $80,#$AA Operation dst<= src Description Moves a byte of data from a source address to a destination address. Data is examined as it is moved. The accumulator is not affected. There are 3 addressing modes for the MOV instruction: ● An immediate byte to a direct memory location ● A direct memory location to another direct memory location (from $00 to $FF) ● A direct memory location to another direct memory location (from $0000 to $FFFF) Instruction overview Detailed description See also: LD, EXG MOV Move MOV mnem dst src Affected condition flags VI1 H I0 N Z C MOV Mem Imm ------- MOV Mem Mem ------- dst src Asm cy lgth Op-code(s) ST7 longmem #byte MOV $8000, #$AA 1 4 35 XX MS LS shortmem shortmem MOV $80,$10 1 3 45 XX2 XX1 longmem longmem MOV $8000,$1000 1 5 55 MS2 LS2 MS1 LS1 |