Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3154 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN3154
Description  CAN protocol used in the STM32 bootloader
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3154 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN3154 Datasheet HTML 1Page - STMicroelectronics AN3154 Datasheet HTML 2Page - STMicroelectronics AN3154 Datasheet HTML 3Page - STMicroelectronics AN3154 Datasheet HTML 4Page - STMicroelectronics AN3154 Datasheet HTML 5Page - STMicroelectronics AN3154 Datasheet HTML 6Page - STMicroelectronics AN3154 Datasheet HTML 7Page - STMicroelectronics AN3154 Datasheet HTML 8Page - STMicroelectronics AN3154 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DocID017063 Rev 5
5/34
AN3154
Bootloader code sequence
33
1
Bootloader code sequence
Figure 1. Bootloader for STM32 with CAN
1. it is recommended to send a frame with a Standard ID = 0x79.
Once the system memory boot mode is entered and the STM32 device has been configured
(for more details refer to application note AN2606 “STM32 system memory boot mode”), the
bootloader code waits for a frame on the CANx_Rx pin. When a detection occurs the CAN
bootloader firmware starts to check the external clock frequency.
Figure 2 shows the flowchart of the frequency check.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34