Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3154 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AN3154
Description  CAN protocol used in the STM32 bootloader
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3154 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AN3154 Datasheet HTML 8Page - STMicroelectronics AN3154 Datasheet HTML 9Page - STMicroelectronics AN3154 Datasheet HTML 10Page - STMicroelectronics AN3154 Datasheet HTML 11Page - STMicroelectronics AN3154 Datasheet HTML 12Page - STMicroelectronics AN3154 Datasheet HTML 13Page - STMicroelectronics AN3154 Datasheet HTML 14Page - STMicroelectronics AN3154 Datasheet HTML 15Page - STMicroelectronics AN3154 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Bootloader command set
AN3154
12/34
DocID017063 Rev 5
Figure 7. Get Version & Read Protection Status command: device side
1. GV = Get Version & Read Protection Status.
The STM32 sends messages as follows:
Message 1: Std ID = 0x01, DLC = 1, data = ACK
Message 2: Std ID = 0x01, DLC = 1, data[0] = bootloader version (0 < version
≤255),
example: 0x10 = Version 1.0
Message 3: Option message 1: Std ID = 0x01, DLC = 2, data = 0x00(byte1 and byte2)
Message 4: Std ID = 0x01, DLC = 1, data = ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34