Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3154 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce AN3154
Description  CAN protocol used in the STM32 bootloader
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3154 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button AN3154 Datasheet HTML 20Page - STMicroelectronics AN3154 Datasheet HTML 21Page - STMicroelectronics AN3154 Datasheet HTML 22Page - STMicroelectronics AN3154 Datasheet HTML 23Page - STMicroelectronics AN3154 Datasheet HTML 24Page - STMicroelectronics AN3154 Datasheet HTML 25Page - STMicroelectronics AN3154 Datasheet HTML 26Page - STMicroelectronics AN3154 Datasheet HTML 27Page - STMicroelectronics AN3154 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Bootloader command set
AN3154
24/34
DocID017063 Rev 5
Figure 18. Erase Memory command: host side
The host sends the message as follows:
The ID contains the command type (0x43):
•
Total erase message: Std ID = 0x43, DLC = 0x01, data = 0xFF.
•
Erase sector by sector message: Std ID = 0x43, DLC = 0x01 to 0x08, data = see
product datasheet.
In case of page by page erase, after each message the host receives the ACK or NACK
message from the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34