Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3154 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN3154
Description  CAN protocol used in the STM32 bootloader
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3154 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN3154 Datasheet HTML 26Page - STMicroelectronics AN3154 Datasheet HTML 27Page - STMicroelectronics AN3154 Datasheet HTML 28Page - STMicroelectronics AN3154 Datasheet HTML 29Page - STMicroelectronics AN3154 Datasheet HTML 30Page - STMicroelectronics AN3154 Datasheet HTML 31Page - STMicroelectronics AN3154 Datasheet HTML 32Page - STMicroelectronics AN3154 Datasheet HTML 33Page - STMicroelectronics AN3154 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
DocID017063 Rev 5
31/34
AN3154
Bootloader command set
33
Figure 26. Readout Unprotect command: host side
1. RDU_PRM = Readout Unprotect.
The host sends messages as follows
Command message: Std ID = 0x92, DLC = 0x01, data = 00.
Figure 27. Readout Unprotect command: device side
1. RDU_PRM = Readout Unprotect.
The STM32 sends messages as follows:
ACK message: Std ID = 0x92, DLC = 1, data[0] = ACK if the content of the command is
correct and ROP is not active else data[0] = NACK.
No
ai15729b
Start RDU_PRM(1)
Received
Send ACK message
Send NACK message
End of RDU_PRM (1)
Ye s
Send ACK message
Disable ROP
Generate system reset
message with
ID = 0x92?
Clear all RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34