| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3154 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3154 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 34 page ![]() Bootloader command set AN3154 14/34 DocID017063 Rev 5 Figure 9. Get ID command: device side 1. GID = Get ID. 2. PID stands for product ID. Byte 1 is the MSB and byte 2 is LSB of the address. The STM32 sends the bytes as follows: Message 1: Std ID = 0x02, DLC = 1, data = ACK with DLC except for current message and ACKs. Message 2: Std ID = 0x02, DLC = N (the number of bytes – 1. For STM32, N = 1), data = PID with byte 0 is MSB and byte N is the LSB of the product ID Message 3: Std ID = 0x02, DLC = 1, data = ACK = 0x79 |