Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3154 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce AN3154
Description  CAN protocol used in the STM32 bootloader
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3154 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button AN3154 Datasheet HTML 26Page - STMicroelectronics AN3154 Datasheet HTML 27Page - STMicroelectronics AN3154 Datasheet HTML 28Page - STMicroelectronics AN3154 Datasheet HTML 29Page - STMicroelectronics AN3154 Datasheet HTML 30Page - STMicroelectronics AN3154 Datasheet HTML 31Page - STMicroelectronics AN3154 Datasheet HTML 32Page - STMicroelectronics AN3154 Datasheet HTML 33Page - STMicroelectronics AN3154 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Bootloader command set
AN3154
30/34
DocID017063 Rev 5
Figure 25. Readout Protect command: device side
1. RDP_PRM = Readout Protect
The STM32 sends messages as follows:
ACK message: Std ID = 0x82, DLC = 1, data[0] = ACK if the content of the command is
correct and ROP is not active else data[0] = NACK.
3.12
Readout Unprotect command
The Readout Unprotect command is used to disable the Flash memory read protection.
When the bootloader receives the Readout Unprotect command, it transmits the ACK
message to the host. After the transmission of the ACK message, the bootloader erases all
the Flash memory sectors and it disables the read protection for the entire Flash memory. If
the erase operation is successful, the bootloader deactivates the RDP.
At the end of the Readout Unprotect command, the bootloader transmits an ACK message
and generates a system Reset to take into account the new configuration of the option
bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34