Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3154 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce AN3154
Description  CAN protocol used in the STM32 bootloader
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3154 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button AN3154 Datasheet HTML 12Page - STMicroelectronics AN3154 Datasheet HTML 13Page - STMicroelectronics AN3154 Datasheet HTML 14Page - STMicroelectronics AN3154 Datasheet HTML 15Page - STMicroelectronics AN3154 Datasheet HTML 16Page - STMicroelectronics AN3154 Datasheet HTML 17Page - STMicroelectronics AN3154 Datasheet HTML 18Page - STMicroelectronics AN3154 Datasheet HTML 19Page - STMicroelectronics AN3154 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Bootloader command set
AN3154
16/34
DocID017063 Rev 5
Figure 11. Speed command: device side
The STM32 sends the bytes as follows:
Message 1:
Std ID = 0x03, DLC = 1, data[0] = ACK= 0x79: with old baudrate if the receive
message is correct else data[0] = NACK= 0x1F
Message 2:
Std ID = 0x03, DLC = 1, data[0] = ACK = 0x79 with new baudrate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34