| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3392 Fiches technique(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3392 Fiches technique(HTML) 44 Page - STMicroelectronics |
|
44 / 57 page ![]() SPV1020 parallel and series connection AN3392 44/57 Doc ID 018749 Rev 1 Equation 36 so, Equation 37 Each SPV1020 contributes to the output power providing Ioutx according to the irradiation of its panel. Furthermore, the desired VOUT is guaranteed if at least one of the 3 PV panels provides enough power to turn on the related SPV1020. B.2 SPV1020 series connection This topology provides an output voltage that is the sum of the output voltages of each SPV1020 connected in series. The following shows how the output power is impacted by the topology. Figure 29 shows a detail of the series connection topology: Figure 29. SPV1020, output series connection In this case, the topology implies: Equation 38 Equation 39 Pinx Vinx Iinx X 1..3 = [] ⋅ = Pout Vout Iout1 Iout2 Iout3 ++ () ηPin1 ηPin2 η Pin3 ++ = = Iout Iout1 Iout2 Iout3 == = Vout Vout1 Vout2 Vout3 ++ = |