Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3392 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 14Page - STMicroelectronics AN3392 Datasheet HTML 15Page - STMicroelectronics AN3392 Datasheet HTML 16Page - STMicroelectronics AN3392 Datasheet HTML 17Page - STMicroelectronics AN3392 Datasheet HTML 18Page - STMicroelectronics AN3392 Datasheet HTML 19Page - STMicroelectronics AN3392 Datasheet HTML 20Page - STMicroelectronics AN3392 Datasheet HTML 21Page - STMicroelectronics AN3392 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
SPV1020 functions
AN3392
18/57
Doc ID 018749 Rev 1
Figure 16.
PV panels, power vs. voltage and current vs. voltage curves
The voltage-current curve shows all the available working points of the PV panel at a given
solar irradiation. The power-voltage curve is derived by the voltage-current curve, plotting
the product V*I for each voltage applied.
Figure 17 shows the dataflow diagram of the MPPT algorithm implemented by the
SPV1020:
Figure 17.
MPPT data flow diagram
The voltage reference generated by the MPPT algorithm is always limited by the overvoltage
(Vo-max) and voltage regulation (Vo-th) control of the output.
This algorithm is defined as Perturb&Observe because the system is excited (perturbed)
with a certain duty cycle (DC), the power is then monitored (observed), and then perturbed
with a new DC depending on the monitoring result.
The SPV1020 executes the MPPT algorithm with a period equal to 256 times the switching
period. The switching period is 10 µs, therefore the MPPT algorithm period is 2.56 ms. This
time is required for the application to reach the new steady-state (voltage and current) after
Update P(tn-1)
FV
MPPT algorithm
Sign = Inv(Sign)
P(tn) > P(tn-1)
P(t
n)
V
o (tn)
Output voltage monitoring
V
ref
Vref =
Vref + Sign * Step
to DAC
Vo-th
Vo-max
AM02604v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57