| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3392 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3392 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 57 page ![]() SPV1020 description AN3392 12/57 Doc ID 018749 Rev 1 Figure 9. Synchronous rectification and zero crossing block Finally, in order to minimize the entire bill of material, the SPV1020 integrates the eight switching elements. Figure 10. Boost IL-4 and SPV1020 Even though the interleaved topology increases the bill of material and the wiring of the final PCB, it is preferable to the single-ended approach especially in high-power applications. In fact, output voltage ripple and efficiency are critical parameters for boost applications. The following is a brief description of a boost interleaved 4 (IL-4) architecture. MPPT VREF PWM GEN DC PV+ PV+ PV- PV- VOUT VOUT AM02597v1 |