Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3392 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 16Page - STMicroelectronics AN3392 Datasheet HTML 17Page - STMicroelectronics AN3392 Datasheet HTML 18Page - STMicroelectronics AN3392 Datasheet HTML 19Page - STMicroelectronics AN3392 Datasheet HTML 20Page - STMicroelectronics AN3392 Datasheet HTML 21Page - STMicroelectronics AN3392 Datasheet HTML 22Page - STMicroelectronics AN3392 Datasheet HTML 23Page - STMicroelectronics AN3392 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
SPV1020 functions
AN3392
20/57
Doc ID 018749 Rev 1
Figure 19.
Normal/MPPT mode, DCM vs. CM FSM
In the case of DCM, input current can be negligible and its sampled value may be strongly
affected by the noise caused by the switching elements. Input power is computed as follows,
avoiding the use of the input current:
Equation 4
In the case of CM, input power is computed by multiplying the sampled voltage and the
sampled current:
Equation 5
Input voltage is sampled by an external resistive divider, while the input current is sampled
internally to reduce the number of external components in the application. Figure 20 shows
a simple schematic of the input voltage sensing circuitry (see Section 10 for values of the
components shown).
P
tn
()
V
2
T
on
T
on
T
off
+
()
⋅⋅
=
P
tn
()
VI
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57