| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3392 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3392 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 57 page ![]() Absolute maximum ratings AN3392 28/57 Doc ID 018749 Rev 1 9 Absolute maximum ratings Table 4. Maximum ratings Symbol Parameter Range [min., max.] Unit Vin Power supply [-0.3, 40] V VOUT Power supply [-0.3, 40] V PGND Power ground 0 V SGND Signal ground [-0.3, 0.3] V VOUT_SNS Analog input [-0.3, Vout + 0.3] V LX1….4 Analog input [-0.3, Vout + 0.3] V CB1…4 Analog input/output [Lxi – 0.3, Lxi + 5] V VREG Analog input/output [-0.3, 6] V VIN_SNS Analog input [-0.3, 3.3 + 0.3] V XCS Digital input [-0.3, 3.3 + 0.3] V OSC_IN Analog input [-0.3, 3.3 + 0.3] V PZ_OUT Analog input/output [-0.3, VIN + 0.3] V SPI_DATA_OUT Analog output [-0.3, 3.3 + 0.3] V SPI_CLK Digital input [-0.3, 3.3 + 0.3] V SPI_DATA_IN Digital input [-0.3, 3.3 + 0.3] V VIN_SNS_M Dedicated ground [-0.3, + 0.3] V |