Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3392 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 21Page - STMicroelectronics AN3392 Datasheet HTML 22Page - STMicroelectronics AN3392 Datasheet HTML 23Page - STMicroelectronics AN3392 Datasheet HTML 24Page - STMicroelectronics AN3392 Datasheet HTML 25Page - STMicroelectronics AN3392 Datasheet HTML 26Page - STMicroelectronics AN3392 Datasheet HTML 27Page - STMicroelectronics AN3392 Datasheet HTML 28Page - STMicroelectronics AN3392 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
AN3392
Voltage regulation
Doc ID 018749 Rev 1
25/57
Table 2 shows a list of commands. Each command addresses a memory location of a
certain width and sets the direction of the related data.
For further information on the SPI interface, such as timing diagrams, please refer to the
SPV1020 datasheet.
Table 2.
Commands list
Code (Hex)
Name
R/W
Comment
00
Reserved
Reserved
01
NOP
No operation
02
SHUT
Shuts down SPV1020
03
Turn-on
Required only after SHUT command
04
Read current
Read
Read 10 bits in 2 bytes (MSB is first received bit)
05
Read vin
Read
Read 10 bits in 2 bytes (MSB is first received bit)
06
Read pwm
Read
Read 9 bits in 2 bytes (MSB is first received bit)
07
Read status
Read
Read 7 bits:
OVC (4bits), OVV (1bit), OVT (1bit), CR (1bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57