| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3392 Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3392 Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 57 page ![]() AN3392 SPV1020 parallel and series connection Doc ID 018749 Rev 1 43/57 B.1 SPV1020 parallel connection This topology guarantees the desired output voltage even if only one of the panels is irradiated. Of course, the constraint of this topology is that VOUT is limited to the SPV1020 voltage ratings. The following figure shows a detail of the parallel connection topology: Figure 28. SPV1020, output parallel connection The output partitioning (R3/R4) of the three SPV1020s must be in accordance with the desired VOUT. According to the topology: Equation 32 Equation 33 According to the light irradiation on each panel (Pin) and to the system efficiency ( η), output power is: Equation 34 Equation 35 Vout Vout1 Vout2 Vout3 == = Iout Iout1 Iout2 Iout3 ++ = Pout Pout1 Pout2 Pout3 == = Poutx Voutx Ioutx x 1..3 = [] ⋅ = |