| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE1801BJR Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE1801BJR Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 60 page ![]() STMPE1801 Pin settings Doc ID 17884 Rev 3 5/60 2 Pin settings 2.1 Pin connection Figure 2. Pin connection (top-through view) 2.2 Pin description RSTB _ GPIO_14 GPIO9 GPIO2 GPIO7 GPIO15 GPIO10 NC GPIO6 SDA GPIO16 GPIO1 GPIO17 GPIO0 GPIO4 INTB GND GPIO13 GPIO8 GPIO3 VCC GPIO11 GPIO5 SCL GPIO12 Flip-chip CSP 25 Table 2. Pin description Pin number Type Symbol Name and function D4 I/O GPIO0 GPIO0/ROW0 C4 I/O GPIO1 GPIO1/ROW1 A4 I/O GPIO2 GPIO2/ROW2 E5 I/O GPIO3 GPIO3/ROW3 D5 I/O GPIO4 GPIO4/ROW4 C5 I/O GPIO5 GPIO5/ROW5 B5 I/O GPIO6 GPIO6/ROW6 A5 I/O GPIO7 GPIO7/ROW7 E4 I/O GPIO8 GPIO8/COL0 A3 I/O GPIO9 GPIO9/COL1 B3 I/O GPIO10 GPIO10/COL2 |