Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1801BJR Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STMPE1801BJR Datasheet HTML 3Page - STMicroelectronics STMPE1801BJR Datasheet HTML 4Page - STMicroelectronics STMPE1801BJR Datasheet HTML 5Page - STMicroelectronics STMPE1801BJR Datasheet HTML 6Page - STMicroelectronics STMPE1801BJR Datasheet HTML 7Page - STMicroelectronics STMPE1801BJR Datasheet HTML 8Page - STMicroelectronics STMPE1801BJR Datasheet HTML 9Page - STMicroelectronics STMPE1801BJR Datasheet HTML 10Page - STMicroelectronics STMPE1801BJR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
STMPE1801
Pin settings
Doc ID 17884 Rev 3
7/60
The default function is always GPIO. As soon as the key scanning is enabled through the
keypad registers, the function is then switched to the key function and then any configuration
made in the GPIO registers is ignored.
GPIO13
GPIO
Keypad column 5
GPIO14
GPIO
Keypad column 6
GPIO15
GPIO
Keypad column 7
GPIO16
GPIO
Keypad column 8
GPIO17
GPIO
Keypad column 9
Table 3.
GPIO pin function
Name
Primary function
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60