Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1801BJR Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button STMPE1801BJR Datasheet HTML 13Page - STMicroelectronics STMPE1801BJR Datasheet HTML 14Page - STMicroelectronics STMPE1801BJR Datasheet HTML 15Page - STMicroelectronics STMPE1801BJR Datasheet HTML 16Page - STMicroelectronics STMPE1801BJR Datasheet HTML 17Page - STMicroelectronics STMPE1801BJR Datasheet HTML 18Page - STMicroelectronics STMPE1801BJR Datasheet HTML 19Page - STMicroelectronics STMPE1801BJR Datasheet HTML 20Page - STMicroelectronics STMPE1801BJR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
STMPE1801
I2C specification
Doc ID 17884 Rev 3
17/60
6.9
General call address
A general call address is a transaction with the slave address of 0x00 and R/W =0. When a
general call address is asserted, the STMPE1801 responds to this transaction with an
acknowledgement and behaves as a slave-receiver mode. The meaning of a general call
address is defined in the second byte sent by the master-transmitter.
Note:
All other second byte values are ignored.
Table 10.
General call address
R/W
Second byte
value
Definition
0
0x06
A 2-byte transaction in which the second byte tells the slave device to reset
and write (or latch in) the 2-bit programmable part of the slave address.
0
0x00
Not allowed as second byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60