Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1801BJR Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button STMPE1801BJR Datasheet HTML 49Page - STMicroelectronics STMPE1801BJR Datasheet HTML 50Page - STMicroelectronics STMPE1801BJR Datasheet HTML 51Page - STMicroelectronics STMPE1801BJR Datasheet HTML 52Page - STMicroelectronics STMPE1801BJR Datasheet HTML 53Page - STMicroelectronics STMPE1801BJR Datasheet HTML 54Page - STMicroelectronics STMPE1801BJR Datasheet HTML 55Page - STMicroelectronics STMPE1801BJR Datasheet HTML 56Page - STMicroelectronics STMPE1801BJR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
STMPE1801
Miscellaneous features
Doc ID 17884 Rev 3
53/60
12
Miscellaneous features
12.1
Reset
The STMPE1801 is equipped with an internal POR circuit that holds the device in reset
state, until the clock is steady and VCC input is valid. The POR circuit is integrated with a
filter with minimum 180 ns at 1.8 V VCC. The host system may choose to reset the
STMPE1801 by asserting the RSTB pin. The reset pin is also integrated with a filter of
minimum 200 µs duration and maximum 500 µs duration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60