Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1801BJR Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button STMPE1801BJR Datasheet HTML 19Page - STMicroelectronics STMPE1801BJR Datasheet HTML 20Page - STMicroelectronics STMPE1801BJR Datasheet HTML 21Page - STMicroelectronics STMPE1801BJR Datasheet HTML 22Page - STMicroelectronics STMPE1801BJR Datasheet HTML 23Page - STMicroelectronics STMPE1801BJR Datasheet HTML 24Page - STMicroelectronics STMPE1801BJR Datasheet HTML 25Page - STMicroelectronics STMPE1801BJR Datasheet HTML 26Page - STMicroelectronics STMPE1801BJR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
STMPE1801
Clocking system
Doc ID 17884 Rev 3
23/60
8.0.2
Power mode programming sequence
The device enters auto Hibernate mode when there is inactivity for a fixed period of time.
To wake up the device, the host is required to:
Send an I2C transaction to the device.
To do a soft reset to the device, the host needs to do the following:
Write a '1' to bit 7 of the SYS_CTRL register. This bit is automatically cleared upon
reset.
To come out of the Hibernate mode, the following needs to be done by the host:
Assert a system reset
Or put a wakeup on the I2C transaction
Interrupt activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60