| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE1801BJR Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE1801BJR Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 60 page ![]() Clocking system STMPE1801 22/60 Doc ID 17884 Rev 3 8 Clocking system In order to reduce the power consumption, the STMPE1801 turns off the oscillator during Hibernate mode. Figure 5. Clocking system 8.0.1 Clock source By default, when the STMPE1801 powers up, it derives a 32 kHz clock from the internal RC oscillator for its operation. There are 4 sources of reset: ● RSTB pin ● Low voltage detect (LVD) reset ● Soft reset bit of the SYS_CTRL register ● I2C reset from the I2C block. |