Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1801BJR Fiches technique (PDF) - STMicroelectronics

STMPE1801BJR Datasheet PDF - STMicroelectronics
No de pièce STMPE1801BJR
Télécharger  STMPE1801BJR Télécharger
Taille du fichier   666.76 Kbytes
Page   60 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Xpander Logic™ 18-bit enhanced port expander with keypad controller

STMPE1801BJR Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
STMPE1801BJR Datasheet PDF - STMicroelectronics

No de pièce STMPE1801BJR
Télécharger  STMPE1801BJR Click to download

Taille du fichier   666.76 Kbytes
Page   60 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Xpander Logic™ 18-bit enhanced port expander with keypad controller

STMPE1801BJR Fiches technique (HTML) - STMicroelectronics


STMPE1801BJR Détails du produit

Description
The STMPE1801 is a GPIO (general purpose input/output) port expander capable of interfacing a main digital ASIC via the two-line bidirectional bus (I2C). A separate GPIO expander IC is often used in mobile multimedia platforms to resolve the problem of the limited number of GPIOs typically available on digital engines. The STMPE1801 offers high flexibility, as each I/O can be configured as input, output, special key, keypad matrix or dedicated key function. This device is designed to include very low quiescent current, and a wakeup feature for each I/O, to optimize the power consumption of the device. Potential applications for the STMPE1801 include portable media players, game consoles, mobile and smart phones. Flip-chip CSP 25 (2.03 x 2.03 mm)

Features
■ 18 GPIOs configurable as GPI, GPO, keypad matrix, special key or dedicated key function
■ Operating voltage: 1.65 - 3.6 V
■ Hardware keypad controller (KPC) (10 x 8 matrix with 4 optional dedicated keys maximum)
■ Keypad controller capable of detecting keypress in hibernation mode
■ Interrupt output (open drain) pin
■ Advanced power management system
■ Ultra-low standby mode current
■ Programmable pull-up resistors for all GPIO pins
■ ESD performance on GPIO pins: – ± 8 kV human body model (JESD22 A114-C)
■ ESD performance on VCC, GND, INTB, RSTB, SCL, SDA pins: – ± 3 kV human body model (JESD22 A114-C)




Numéro de pièce similaire - STMPE1801BJR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STMPE1208S STMICROELECTRONICS-STMPE1208S Datasheet
156Kb / 12P
12 channel touch key controller
19-Jun-2007
STMPE1208S STMICROELECTRONICS-STMPE1208S Datasheet
721Kb / 51P
Xpander Logic with 12-channel touchkey
18-Jul-2008
STMPE1208SQTR STMICROELECTRONICS-STMPE1208SQTR Datasheet
156Kb / 12P
12 channel touch key controller
19-Jun-2007
STMPE1208SQTR STMICROELECTRONICS-STMPE1208SQTR Datasheet
721Kb / 51P
Xpander Logic with 12-channel touchkey
18-Jul-2008
STMPE1208S STMICROELECTRONICS-STMPE1208S_08 Datasheet
721Kb / 51P
Xpander Logic with 12-channel touchkey
18-Jul-2008
More results


Description similaire - STMPE1801BJR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STMPE2401 STMICROELECTRONICS-STMPE2401 Datasheet
946Kb / 55P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
29-May-2007
STMPE1601 STMICROELECTRONICS-STMPE1601 Datasheet
602Kb / 58P
16-bit enhanced port expander with keypad and PWM controller Xpander Logic
10-Jan-2008
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
8-bit port expander Xpander logic
02-Jul-2007
STMPE821 STMICROELECTRONICS-STMPE821 Datasheet
646Kb / 55P
8-bit Xpander Logic??with touchkey controller
10-Jun-2008
STMPE1601 STMICROELECTRONICS-STMPE1601_1 Datasheet
583Kb / 61P
16-bit enhanced port expander with keypad and PWM controller Xpander Logic
02-Jun-2008
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
08-Jun-2007
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
8-bit port expander with advanced touchscreen controller
09-Jun-2008
STEVAL-TCS004V1 STMICROELECTRONICS-STEVAL-TCS004V1 Datasheet
147Kb / 4P
16-bit port expander demonstration board with keypad and PWM controller based on the STMPE1601
11-Nov-2009
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
Keypad Decoder and I/O Port Expander
REV. 0
logo
STMicroelectronics
STMPE1600 STMICROELECTRONICS-STMPE1600 Datasheet
280Kb / 27P
16-bit port expander with ultra-low power consumption Xpander Logic?
05-Feb-2013
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.