| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE1801BJR Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE1801BJR Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 60 page ![]() I2C specification STMPE1801 16/60 Doc ID 17884 Rev 3 Figure 3. Operating modes Write ≥1 START, Device Address, R/W =0, Register Address to be written, Data Write, STOP If no STOP is issued, the Data Write can be continuously performed. If the register address falls within the range that allows address auto- increment, then register address auto-increment internally after every byte of data being written. For those register addresses that fall within a non-incremental address range, the address will be kept static throughout the entire write operation. Refer to Table 8.: STMPE1801 register summary table for the address ranges that are auto-increment and non-increment. An example of a non-increment address is Data Port for initializing the PWM. Table 9. Operating modes Mode Byte Programming sequence One Byte Read More than One Byte Read One Byte Write More than One Byte Write Master Slave Dev Addr Reg Addr Dev Addr Data Read Data Read + 2 Dev Addr Reg Addr Data to be Written Dev Addr Reg Addr Dev Addr Data Read Data to Write + 1 Data to Write + 2 Dev Addr Reg Addr Data to Write Data Read + 1 |