Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000 Fiches technique(PDF) 252 Page - Microsemi Corporation

No de pièce AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Fiches technique(HTML) 252 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 248Page - Microsemi Corporation AX2000 Datasheet HTML 249Page - Microsemi Corporation AX2000 Datasheet HTML 250Page - Microsemi Corporation AX2000 Datasheet HTML 251Page - Microsemi Corporation AX2000 Datasheet HTML 252Page - Microsemi Corporation AX2000 Datasheet HTML 253Page - Microsemi Corporation AX2000 Datasheet HTML 254Page - Microsemi Corporation AX2000 Datasheet HTML 255Page - Microsemi Corporation AX2000 Datasheet HTML 256Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 262 page
background image
Package Pin Assignments
3- 12 6
R ev isio n 1 8
IO310NB7F29
N10
IO310PB7F29
N9
IO311NB7F29
K1
IO311PB7F29
L1
IO313NB7F29
M5
IO316NB7F29
L6
IO316PB7F29
L5
IO317NB7F29
K2
IO317PB7F29
L2
IO318NB7F29
K4
IO318PB7F29
L4
IO320NB7F29
J3
IO321NB7F30
J2
IO321PB7F30
J1
IO323NB7F30
L7
IO323PB7F30
M7
IO324NB7F30
M9
IO324PB7F30
M8
IO327NB7F30
F1
IO327PB7F30
G1
IO328NB7F30
K7
IO328PB7F30
K6
IO329NB7F30
D1
IO329PB7F30
E1
IO331PB7F30
G2
IO332NB7F31
H3
IO332PB7F31
H2
IO333NB7F31
E2
IO333PB7F31
F2
IO334NB7F31
H4
IO334PB7F31
J4
IO335NB7F31
H5
CG624
AX2000 Function
Pin
Number
Note:
*Not routed on the same
package layer and to adjacent
LGA pads as its differential
pair complement.
Recommended to be used as
a single-ended I/O.
IO335PB7F31
H6
IO337NB7F31
D2
IO338NB7F31
J6
IO338PB7F31
J5
IO339NB7F31
F3
IO339PB7F31
E3
IO340NB7F31
G4*
IO340PB7F31
G3*
IO341NB7F31
K8
IO341PB7F31
L8
Dedicated I/O
GND
K5
GND
A18
GND
A2
GND
A24
GND
A25
GND
A8
GND
AA10
GND
AA16
GND
AA18
GND
AA21
GND
AA5
GND
AB22
GND
AB4
GND
AC10
GND
AC16
GND
AC23
GND
AC3
GND
AD1
GND
AD2
GND
AD24
GND
AD25
CG624
AX2000 Function
Pin
Number
Note:
*Not routed on the same
package layer and to adjacent
LGA pads as its differential
pair complement.
Recommended to be used as
a single-ended I/O.
GND
AE1
GND
AE18
GND
AE2
GND
AE24
GND
AE25
GND
AE8
GND
B1
GND
B2
GND
B24
GND
B25
GND
C10
GND
C16
GND
C23
GND
C3
GND
D22
GND
D4
GND
E10
GND
E16
GND
E21
GND
E5
GND
E8
GND
H1
GND
H21
GND
H25
GND
K21
GND
K23
GND
K3
GND
L11
GND
L12
GND
L13
GND
L14
GND
L15
CG624
AX2000 Function
Pin
Number
Note:
*Not routed on the same
package layer and to adjacent
LGA pads as its differential
pair complement.
Recommended to be used as
a single-ended I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More