| Moteur de recherche de fiches techniques de composants électroniques |
|
AX2000 Fiches technique(PDF) 250 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000 Fiches technique(HTML) 250 Page - Microsemi Corporation |
|
250 / 262 page ![]() Package Pin Assignments 3- 12 4 R ev isio n 1 8 IO157PB3F14 U20 IO158NB3F14 AB25 IO158PB3F14 AA25 IO160PB3F14 W24 IO161NB3F15 U24 IO161PB3F15 U23 IO162NB3F15 AA24 IO162PB3F15 Y24 IO163NB3F15 V22 IO163PB3F15 U22 IO164NB3F15 V23 IO164PB3F15 V24 IO166NB3F15 AB24 IO167NB3F15 V21 IO167PB3F15 U21 IO168NB3F15 Y23 IO168PB3F15 AA23 IO169NB3F15 W22* IO169PB3F15 W23* IO170NB3F15 Y22 IO170PB3F15 Y21 Bank 4 IO171NB4F16 AC20* IO171PB4F16 AC21* IO172NB4F16 W20 IO172PB4F16 Y20 IO173NB4F16 AD21 IO173PB4F16 AD22 IO174NB4F16 AA19 IO176NB4F16 Y18 IO176PB4F16 Y19 IO177NB4F16 AB19 CG624 AX2000 Function Pin Number Note: *Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO177PB4F16 AB18 IO182NB4F17 V19 IO182PB4F17 W19 IO183PB4F17 AC19 IO184NB4F17 AB17 IO184PB4F17 AC17 IO185NB4F17 AD19 IO185PB4F17 AD20 IO187PB4F17 AC18 IO188NB4F17 Y17 IO188PB4F17 AA17 IO189PB4F17 AE22 IO191NB4F17 W18 IO191PB4F17 V18 IO192PB4F17 U18 IO195PB4F18 AE21 IO196NB4F18 AB16 IO197NB4F18 AD17 IO197PB4F18 AD18 IO198NB4F18 V17 IO198PB4F18 W17 IO199NB4F18 AE19 IO199PB4F18 AE20 IO200NB4F18 AC15 IO201NB4F18 AD15 IO201PB4F18 AD16 IO202NB4F18 Y15 IO202PB4F18 Y16 IO206NB4F19 AB14 IO206PB4F19 AB15 IO207NB4F19 AE15 IO207PB4F19 AE16 CG624 AX2000 Function Pin Number Note: *Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO208PB4F19 W16 IO209NB4F19 AE14 IO210NB4F19 V15 IO210PB4F19 V16 IO211NB4F19 AD14 IO211PB4F19 AC14 IO212NB4F19/CLKEN W14 IO212PB4F19/CLKEP W15 IO213NB4F19/CLKFN AC13 IO213PB4F19/CLKFP AD13 Bank 5 IO214NB5F20/CLKGN W13 IO214PB5F20/CLKGP Y13 IO215NB5F20/CLKHN AC12 IO215PB5F20/CLKHP AD12 IO216NB5F20 U13 IO216PB5F20 V13 IO217NB5F20 AE10 IO217PB5F20 AE11 IO218NB5F20 W11 IO218PB5F20 W12 IO222NB5F20 AA11 IO222PB5F20 Y11 IO223PB5F21 AE9 IO225NB5F21 AE6 IO225PB5F21 AE7 IO226NB5F21 Y10 IO226PB5F21 W10 IO227PB5F21 T13 IO228NB5F21 AB10 IO228PB5F21 AB11 IO229NB5F21 AD9 CG624 AX2000 Function Pin Number Note: *Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |